PART |
Description |
Maker |
CY7C1381B CY7C1381B-100BGI CY7C1381B-117BGC CY7C13 |
512 ??36/1M ??18 Flow-Thru SRAM 512 】 36/1M 】 18 Flow-Thru SRAM
|
Cypress Semiconductor
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
CY7C1387D-167AXCT |
18-Mbit (512 K 36/1 M 18) Flow-Through SRAM
|
Cypress
|
CY7C1361C-100AXC CY7C1361C-100AXE CY7C1361C-100BGC |
9-Mbit (256 K × 36/512 K × 18) Flow-Through SRAM
|
Cypress Semiconductor
|
CY7C1373D-100AXC CY7C1373D-133BZI CY7C1371D-133BGC |
18-Mbit (512 K × 36/1 M × 18) Flow-Through SRAM with NoBL Architecture
|
Cypress Semiconductor
|
CY7C1471V25-100AXC CY7C1473V25-100AXI CY7C1473V25- |
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 8.5 ns, PQFP100 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 6.5 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS881Z18AT-133 GS881Z18AT-133I GS881Z18AT-150 GS88 |
133MHz 8.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
CY7C1383C-117BGC CY7C1383C-100AC CY7C1383C-100BZI |
18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PQFP100 18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1361C-133AXC CY7C1361C-133BGI CY7C1361C-133AJX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 9兆位56 × 36/512K × 18)流通过的SRAM 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 6.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
R1RP0408DGE-2PR R1RP0408D R1RP0408DGE-2LR |
4M High Speed SRAM (512-kword 8-bit) 4M High Speed SRAM (512-kword ?8-bit) 4M High Speed SRAM (512-kword ?8-bit) Memory>Fast SRAM>Asynchronous SRAM
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
GS8162Z72C-150I GS8162Z18B-250I GS8162Z18B-200I GS |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 7.5 ns, PBGA209 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 5.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 6 ns, PBGA119 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 5.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
GSI Technology, Inc.
|